Part Number Hot Search : 
KBP08 AEP15124 SP9502JS UMG9NTR 133BZC FW114 IN74A PMBF5484
Product Description
Full Text Search
 

To Download TP251007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP2510 Low Threshold P-Channel Enhancement Mode Vertical DMOS FETs
Features
Low threshold -- -2.4V max. High input impedance Low input capacitance -- 125pF max. Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage Complementary N and P-channel devices
General Description
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's wellproven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a widerange of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces -- ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Switching Waveforms and Test Circuit
0V
10% INPUT
-10V
PULSE GENERATOR
90% t(OFF) tr td(OFF) tF
INPUT
RGEN D.U.T. Output RL
10%
t(ON)
td(ON)
0V
90% OUTPUT
VDD
90%
10%
VDD
Thermal Characteristics
Package
TO-243AA
ID continuous
(mA)
ID pulsed
(A)
Power Dissipation
@ TA = 25OC (W)
jc
(OC/W)
jc
(OC/W)
IDR (mA)
-480
IDRM
(A)
-480
-2.5
1.6
15
78
-2.5
ID (continuous) is limited by max rated Tj. Mounted on FR5 board, 25mm x 25mm x 1.57mm.
TP2510
Ordering Information
Device TP2510 Package Options TO-243AA (SOT-89) TP2510N8-G Die* TP2510ND BVDSS/BVDGS
(V)
RDS(ON)
()
VGS(TH)
(max) (V)
ID(ON)
(min) (A)
-100
3.5
-2.4
-1.5
* MIL visual screening available. -G indicates package is RoHS compliant (`Green')
Pin Configuration
DRAIN
Absolute Maximum Ratings
Parameter Drain-to-source voltage Drain-to-gate voltage Gate-to-source voltage Operating and storage temperature Soldering temperature* Value BVDSS BVDGS
GATE DRAIN SINK
TO-243AA (SOT-89)
(Top View)
20V
-55C to +150C 300C
Product Marking
TP5AW
W = Code for Week Sealed = "Green" Packaging
* Distance of 1.6 mm from case for 10 seconds. Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground.
TO-243AA (SOT-89) N8
Electrical Characteristics (@25C unless otherwise specified )
Symbol
BVDSS VGS(th) VGS(th) IGSS IDSS
Parameter
Drain-to-source breakdown voltage Gate threshold voltage Change in VGS(th) with temperature Gate body leakage Zero gate voltage drain current
Min
-100 -1.0 -0.4 -1.5 300 -
Typ
-0.6 -2.5 5.0 2.0 360 80 40 10 300
Max
-2.4 5.0 -100 -10 -1.0 7.0 3.5 1.7 125 70 25 10 15 20 15 -1.8 -
Units
V V mV/ C nA A mA A %/ C mmho pF
O O
Conditions
VGS = 0V, ID = -2.0mA VGS = VDS, ID= -1.0mA VGS = VDS, ID= -1.0mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating, TA = 125C VGS = -5.0V, VDS = -25V VGS = -10V, VDS = -25V VGS = -5.0V, ID = -250mA VGS = -10V, ID = -0.75A VGS = -10V, ID = -0.75A VDS = -25V, ID = -0.75A VGS = 0V, VDS = -25V, f = 1.0 MHz VDD = -25V, ID = -1.0A, RGEN = 25 VGS = 0V, ISD = -1.0A VGS = 0V, ISD = -1.0A
ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr
ON-state drain current Static drain-to-source ON-State Resistance Change in RDS(ON) with temperature Forward transconductance Input capacitance Common source output capacitance Reverse transfer capacitance Turn-ON delay time Rise time Turn-OFF delay time Fall time Diode forward voltage drop Reverse recovery time
ns
V ns
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
2
TP2510
Typical Performance Curves
Output Characteristics
-5 -5
Saturation Characteristics
-4
-4
ID (amperes)
-3
ID (amperes)
-3 VGS = -10V -2 -8V -1 -6V -4V -3V 0
VGS = -10V
-2 -8V -1 -6V -4V -3V 0 0 -10 -20 -30 -40 -50
0
-2
-4
-6
-8
-10
VDS (volts) Transconductance vs. Drain Current
0.5 2.0
VDS (volts) Power Dissipation vs. Ambient Temperature
VDS = -25V
0.4 TA = -55C TO-243AA
GFS (siemens)
PD (watts)
0.3
TA = 25C 1.0
TA = 125C 0.2
0.1
0 0 -0.5 -1.0 -1.5 -2.0 -2.5
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
-10 1.0
TA (C) Thermal Response Characteristics
TO-243AA(pulsed)
Thermal Resistance (normalized)
0.8
ID (amperes)
-1.0 TO-243AA (DC)
0.6
0.4
-0.1 TA = 25C
0.2
TO-243AA TA = 25C PD = 1.6W
-0.01 -0.1
0 -1.0 -10 -100 0.001 0.01 0.1 1 10
VDS (volts)
tp (seconds)
3
TP2510
Typical Performance Curves
BVDSS Variation with T emperature
10 1.1 8
On-Resistance vs. Drain Current
VGS = -5V VGS = -10V
BVDSS (normalized)
RDS(ON) (ohms)
6
1.0
4
2 0.9 0 -50 0 50 100 150 0 -0.8 -1.6 -2.4 -3.2 -4.0
Tj (C) Transfer Characteristics
-5 1.4
ID (amperes) V(th) and RDS Variation with Temperature
2.0
VDS = -25V
-4 1.2
RDS (ON) @ -10V, -0.75A
1.6
ID (amperes)
-3
TA = -55C
1.0
1.2
25C
-2
0.8
0.8
-1
150C
V(th) @ -1mA
0.6 0.4
0 0 0 -2 -4 -6 -8 -10
0.4 -50 0 50 100 150
0
VGS (volts) Capacitance vs. Drain-to-Source Voltage
200 -10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
-8 150
142 pF VDS = -10V
C (picofarads)
VGS (volts)
-6
100
VDS = -40V
-4
CISS
50
COSS
71 pF
-2
CRSS
0 0 -10 -20 -30 -40 0 0 1.0 2.0
VDS (volts)
QG (nanocoulombs)
4
RDS(ON) (normalized)
VGS(th) (normalized)
TP2510
3-Lead TO-243AA (SOT-89) Package Outline (N8)
D D1 4
C
EH
E1
1 L b e
2
3
b1 e1
A
Top View
Side View
Symbol MIN Dimensions (mm) NOM MAX
A 1.40 1.60
b 0.44 0.56
b1 0.36 0.48
C 0.35 0.44
D 4.40 4.60
D1 1.62 1.83
E 2.29 2.60
E1 2.13 2.29
e 1.50 BSC
e1 3.00 BSC
H 3.94 4.25
L 0.89 1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986. Drawings not to scale.
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP - TP2510 A082307
5


▲Up To Search▲   

 
Price & Availability of TP251007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X